Part Number Hot Search : 
PCP1103 45MTC P4KE47PT 4502B TB1210L 0512T SA55P DC147
Product Description
Full Text Search
 

To Download ER100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ER100 THRU ER106
SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
FEATURES l l l l l l l Superfast recovery times-epitaxial construction Low forward voltage, high current capability Exceeds environmental standards of MIL-S-19500/228 Hermetically sealed Low leakage High surge capability Plastic package has Underwriters Laboratories DO-41
Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound
MECHANICAL DATA Case: Molded plastic, DO-41 Terminals: Axial leads, solderable to MIL-STD-202, Method 208 Polarity: Color Band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
ER100 ER101
ER101A
ER102
ER103
ER104
ER106
UNITS V V V A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current .375"(9.5mm) lead length at TA=55
Peak Forward Surge Current, IFM (surge): 8.3ms single half sine-wave superimposed on rated load(JEDEC method)
50 35 50
100 70 100
150 105 150
200 140 200 1.0
300 210 300
400 320 400
600 420 600
30.0 .95 5.0 150 35.0 17 50 -55 to +150 1.25 1.7
A
Maximum Forward Voltage at 1.0A DC
Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage TA=125 Maximum Reverse Recovery Time(Note 1) Typical Junction capacitance (Note 2) Typical Junction Resistance(Note 3) R JA Operating and Storage Temperature Range TJ
V A A
ns
PF
/W
NOTES: 1. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 3. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted RATING AND CHARACTERISTIC CURVES ER100 THRU ER106
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
Fig. 2-MAXIMUM NON-REPETIVIE SURGE CURRENT
Fig. 3-MAXIMUM AVERAGE FORWARD CURRENT RATING Fig. 4-FORWARD CURRENT DERATING CURVE
Fig. 5-TYPICAL REVERSE CHAPACTERISTICS
Fig. 6-TYPICAL JUNCTION CAPACITANCE


▲Up To Search▲   

 
Price & Availability of ER100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X